2111 comprehensive drive aurora, illinois 60505 phone: 630- 851- 4722 fax: 630- 851- 5040 www.conwin.com high precision tcxo / vctcxo oscillators description: the connor-winfelds t100/t200 and the tv100/tv200 series have very high frequency stability with excellent phase noise performance. available in a 5x7mm surface mount package. these tcxo's and vctcxo's through the use of analog temperature compensation are capable of holding sub 100-ppb or 200-ppb stabilities over the commercial or industrial temperature ranges. the surface mount package is designed for high- density mounting and is optimum for mass production. features: models: t100 / t200-series tv100 / tv200-series ? package t100-t200 series 5 x 7mm 10 pad tv100-tv200 series 5 x 7mm 4 pad ? frequencies available: 10, 12.8, 19.2, 20.0, 24.576 or 40.0 mhz ? 3.3 vdc operation ? output logic: lvcmos ? frequency stability: t100 / tv100: +/-100 ppb, 0 to 70c t200 / tv200: +/-200 ppb, -40 to 85c ? fixed frequency - tcxo ? optional control voltage - vctcxo ? low jitter <0.50 ps rms ? low phase noise ? tri-state enable/disable: available on t100 / t200 models. ? tape and reel packaging ? rohs compliant / lead free bulletin tx350 page 1 of 6 revision 07 date 28 sept 2016 us headquarters: 630-851-4722 european headquarters: +353-61-472221 type / package tcxo / vctcxo series t = 5.0x7.0 mm 10 pads tv = 5.0x7.0 mm 4 pads frequency stability and temperature range 100 = 100 ppb, 0 to 70c 200 = 200 ppb, -40 to 85c supply voltage = 3.3 vdc output logic = lvcmos tcxo or vctcxo f = tcxo v = vctcxo output frequency frequency format -xxx.xm min* -xxx.xxxxxxm max* *min 1 and max 6 digits after decimal point. t 200 v - 20.0m ordering information example: part number t100f-019.2m = 5x7mm 10 pad package, 100 ppb, 0 to 70 c, 3.3 vdc, lvcmos output, tcxo, 19.2 mhz t200v-020.0m = 5x7mm 10 pad package, 200 ppb, -40 to 85 c, 3.3 vdc, lvcmos output, vctcxo, 20.0 mhz tv100f-010.0m = 5x7mm 4 pad package, 100 ppb, 0 to 70 c, 3.3 vdc, lvcmos output, tcxo, 10.0 mhz tv200v-012.8m = 5x7mm 4 pad package, 200 ppb, -40 to 85 c, 3.3 vdc, lvcmos output, vctcxo, 12.8 mhz t200v 1241 20. 0 m hz applications: basestation, communications,dsl / adsl, femtocell, ip timing, lte, precision gps, sonet / sdh, wimax / wibro, wlan. available at digi-key** www.digikey.com absolute maximum ratings parameter minimum nominal maximum units notes storage temperature -40 - 85 c supply voltage (vcc) -0.5 - 4.6 vdc input voltage (vc) -0.5 - vcc + 0.5 vdc
specifcations subject to change without notifcation. see connor-winfeld's website for latest revision. all dimensions in inches. ? copyright 2016 the connor-winfeld corporation not intended for life support applications. 2111 comprehensive drive aurora, illinois 60505 phone: 630- 851- 4722 fax: 630- 851- 5040 www.conwin.com bulletin tx350 page 2 of 6 revision 07 date 28 sept 2016 operating specifcations parameter minimum nominal maximum units notes available output frequencies (fo) 10.0, 12.8, 14.7456, 19.2, 20.0, 24.576, 25.0, and 40.0 mhz frequency calibration @ 25 c -1.0 - 1.0 ppm 1 frequency stability (see ordering information for full part number) model t100x, tv100x -100 - 100 ppb 2 model t200x, tv200x -200 - 200 ppb 2 frequency vs. load stability -0.05 - 0.05 ppm 5% frequency vs. voltage stability -0.05 - 0.05 ppm 5% static temperature hysteresis - - 0.40 ppm 3 freq. shift after refow soldering -1.0 - 1.0 ppm 4 long term stability -1.0 - 1.0 ppm 5 aging per life (20 years) -3.0 - 3.0 ppm per day -40 - 40 ppb per second - 4.63e-13 operating temperature range (see ordering information for full part number) model t100x, tv100x 0 - 70 c model t200x, tv200x -40 - 85 c supply voltage (vcc) 3.135 3.30 3.465 vdc supply current (icc) - - 2.1 ma jitter: period jitter - 3.0 5.0 ps rms integrated phase jitter (12k to 20m) - 0.3 1.0 ps rms 6 ssb phase noise for fo=10.0 mhz @ 1 hz offset - -60 - dbc/hz @ 10 hz offset - -98 - dbc/hz @ 100 hz offset - -126 - dbc/hz @ 1 khz offset - -143 - dbc/hz @ 10 khz offset - -151 - dbc/hz @ 100 khz offset - -152 - dbc/hz @ 1 mhz offset - -155 - dbc/hz start-up time - - 10 ms control voltage input characteristics parameter minimum nominal maximum units notes control voltage 0.3 1.65 3.0 v frequency pullability 10 - - ppm control voltage slope positive slope monotonic linearity - - 10 % input impedance 100k - - ohm modulation bandwidth (3db) 10 - - khz
specifcations subject to change without notifcation. see connor-winfeld's website for latest revision. all dimensions in inches. ? copyright 2016 the connor-winfeld corporation not intended for life support applications. 2111 comprehensive drive aurora, illinois 60505 phone: 630- 851- 4722 fax: 630- 851- 5040 www.conwin.com environmental characteristics vibration: vibration per mil std 883e method 2007.3 test condition a. shock: mechanical shock per mil std 883e method 2002.4 test condition b. soldering process: rohs compliant lead free. see soldering profle on page 6. package characteristics package hermetically sealed ceramic package with grounded metal cover lvcmos output characteristics parameter minimum nominal maximum units notes load (cl) - 15 - pf 8 voltage (high) (voh) 90%vcc - - vdc (low) (vol) - - 10%vcc vdc duty cycle at 50% of vcc 45 50 55 % rise / fall time 10% to 90% - 4 8 ns notes: 1. initial calibration @ 25c. 2c, for vctcxo's vc = 1.65v. specifcations at time of shipment after 48 hours of operation. 2. frequency stability vs. change in temperature. [(fmax-fmin)/2.fo]. for vctcxo's - vc -= 1.65v 3. frequency change after reciprocal temperature ramped over the operating range. frequency measured before and after at 25c 4. two consecutive refows after 1 hour recovery @ 25c. 5. frequency drift over 1 year @ 25c. 6. bw = 12 khz to fo/2 mhz 7. leave pad 8 on models, t100f, t200f, t100v, t200v unconnected if enable / disable function is not required. when tri-stated, the output stage is disabled but the oscillator and compensation circuit are still active (current consumption < 1 ma). 8. attention: to achieve optimal frequency stability, and in some cases to meet the specifcation stated on this data sheet, it is required that the circuit connected to this tcxo output must have the equivalent input capacitance that is specifed by the nominal load capacitance. deviations from the nominal load capacitance will have a graduated effect on the stability of approximately 20 ppb per pf load difference. function output low: disabled (high impedance) high or open: enabled enable /disable input characteristics (pad 8) (models t100f, t200f, t100v and t200v only) parameter minimum nominal maximum units notes enable input voltage -(vih) 70%vcc - - vdc 7 disable input voltage - (vil) - - 30%vcc vdc 7 bulletin tx350 page 3 of 6 revision 07 date 28 sept 2016
specifcations subject to change without notifcation. see connor-winfeld's website for latest revision. all dimensions in inches. ? copyright 2016 the connor-winfeld corporation not intended for life support applications. 2111 comprehensive drive aurora, illinois 60505 phone: 630- 851- 4722 fax: 630- 851- 5040 www.conwin.com t100/t200 suggested pad layout 0.215 (5.46mm) 0.037 (0.94mm) 0.051 (1.28mm) 0.051 (1.28mm) 0.295 (7.49mm) 0.030 (0.76mm) keep out area to p v iew 1 10 9 5 4 8 2 3 6 7 dimensional t olerance: . 005 (.127mm) . 02 (.508mm) 0.276 0.006 (7.0mm) 0.197 0.006 (5.0mm) 0.079 max. (2.0mm) 0.03 (0. mm) 4 90 (4 places) 0.0 ( mm) 55 1.40 (4 places) pa d 1 (t op v iew) (bottom v iew) 1 2 3 4 t100/t200 package outline * do not route any traces in the keep out area. it is recommended the next layer under the keep out area is to be ground plane. t100/t200 pad connections 1: do not connect 2: do not connect 3: do not connect 4: ground 5: output 6: do not connect 7: do not connect 8: enable / disable 9: supply voltage (vcc 10: vctcxo: control voltage (vc) tcxo: n/c tv100/tv200 suggested pad layout (t op view) 1 2 3 4 0.165 (4.2mm) 0.224 (5.7mm) 0.047 (1.2mm) 4 places 0.071 (1.8mm) 4 places k eep out * area dimensional t olerance: . 005 (.127mm) . 02 (.508mm) 0.276 0.006 (7.0mm) 0.197 0.006 (5.0mm) 0.079 max. (2.0mm) 0.03 (0. mm) 4 90 (4 places) 0.0 ( mm) 55 1.40 (4 places) pa d 1 (t op v iew) (bottom v iew) 1 2 3 4 tv100/tv200 package outline tv100/tv200 pad connections 1: vctcxo: voltage control (vc) tcxo: n/c 2: ground 3: output 4: supply (vcc) bulletin tx350 page 4 of 6 revision 07 date 28 sept 2016 t100/t200 and tv100/tv200 series alternate package outline alternate package applies to all part numbers at select frequencies. the differences are the top view crystal size, and the overall height. bottom view, suggested pad layout, and pad connections all remain the same as above. 0.276 0.006 (7.0mm) 0.197 (5.0mm) 0.095 (2.4mm) 0.006 * do not route any traces in the keep out area. it is recommended the next layer under the keep out area is to be ground plane.
specifcations subject to change without notifcation. see connor-winfeld's website for latest revision. all dimensions in inches. ? copyright 2016 the connor-winfeld corporation not intended for life support applications. 2111 comprehensive drive aurora, illinois 60505 phone: 630- 851- 4722 fax: 630- 851- 5040 www.conwin.com osc to p l a yer ground la yer bo tt om la yer output buf fe r 50 oh m t r ace w ithout v ias ....... buffer ground 50 ohm trace <1by design vcc ground to p view 0.010(0.254mm) r ecommended clearance inductance fo r internal copper flood . 4 5 9 10 4 1 2 3 vcc , should have a large copper area for reduced inductance . connect a 0.01uf bypass capacitor <0.1(2.54mm) from the pad . ground , should have a l arge copper area fo r reduced inductance . to p view t100 / t200 design recommendations osc to p l a yer ground la yer bo tt om la yer output buf fe r 50 oh m t r ace w ithout v ias ....... vcc , should have a l arge copper area fo r reduced inductance . connect a 0 .01uf bypass capacito r <0.1(2.54mm) fro m the pad . ground , should have a l arge copper area fo r reduced inductance . 0.010(0.254mm) r ecommended clearance inductance fo r internal copper flood . to p view 1 3 4 5 6 8 9 10 buffer ground 50 ohm trace <1by design vcc ground to p view tv100 / tv200 design recommendations t100 / t200 test circuit tv100 / tv200 test circuit 4 5 1 2 3 6 7 8 10 tc x o = n/c vct cx o = v c dnc dnc dnc dnc dnc enable/ disable output 15 pf ground 9 vcc supply v oltage 10 nf bypass 0.1 uf bypass dn c = do not connect 1 2 3 4 10 nf bypass 0.1 uf bypass vcc supply v oltage tc x o = n/c vct cx o = v c ground 15 pf output bulletin tx350 page 5 of 6 revision 07 date 28 sept 2016 marking information
specifcations subject to change without notifcation. see connor-winfeld's website for latest revision. all dimensions in inches. ? copyright 2016 the connor-winfeld corporation not intended for life support applications. 2111 comprehensive drive aurora, illinois 60505 phone: 630- 851- 4722 fax: 630- 851- 5040 www.conwin.com revision history revision date changes a00 12/05/11 advanced information data sheet released a01 04/24/12 added 12.8 mhz and +/-50ppb 0 to 70 c models 02 04/26/12 updated integrated phase jitter to 0.3 ps rms nominal. 03 10/12/12 removed m series 04 01/09/13 updated phase noise information 05 02/04/15 updated to 24.576 mhz and 40.0 mhz frequencies 06 06/15/16 input voltage, frequency vs load and voltage stability edits 07 09/28/16 update marking information typical phase noise for tv100f-010.0m 1 solder profle 120c 150c 180c 260c 0 220c up to 120 s t ypical 10 s 60 to 90 s t ypical te mperature 260c meets ipc/jedec j-std-020c 5x7 mm tape and reel information lvcmos output waveform 1v/div bulletin tx350 page 6 of 6 revision 07 date 28 sept 2016
|